Part Number Hot Search : 
DMN60 DMN60 TI165F11 0DC24 NTE1558 DMN60 74HC00 102M10V
Product Description
Full Text Search
 

To Download 0760403059 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/09/2016 please check www.molex.com for latest part information part number: 0760403059 status: active overview: gbx i-trac? backplane connector system description: gbx i-trac? right-angle receptacle module, 1.85mm by 3.70mm pitch, left guide, 15 rows, 10 columns, 300 circuits, lead-free, with esd clips replacement part number: n/a documents: 3d model packaging specification pk-70873-608 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-75710-999 (pdf) agency certification ul e29179 general product family backplane connectors series 76040 application coplanar, daughtercard component type pcb receptacle overview gbx i-trac? backplane connector system product name gbx i-trac? replacement part number n/a upc 883906601782 physical circuits (loaded) 300 circuits (maximum) 300 color - resin black durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part yes keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 42.054/g number of columns 10 number of pairs 8, open pin field number of rows 15 orientation right angle pc tail length 2.00mm pcb locator yes pcb retention yes pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 1.85mm, 3.70mm pitch - termination interface 1.00mm, 2.70mm plating min - mating 0.762m plating min - termination 0.762m polarized to pcb yes stackable no surface mount compatible (smc) yes temperature range - operating -55c to +80c series image - reference only eu elv not reviewed eu rohs china rohs not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs not reviewed elv not reviewed search parts in this series 76040 series mates with 76035 gbx i-trac? vertical header module use with 78239 gbx i-trac? right angle power header. 76153 pirate cannon wide guide module application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # daughter card signal module removal tool 0622023000
termination interface: style through hole - compliant pin electrical current - maximum per contact 1.0a data rate 12.0 gbps shield type n/a shielded no voltage - maximum 120v ac (rms)/dc material info reference - drawing numbers packaging specification pk-70873-608 product specification ps-75710-999 sales drawing sd-171910-0001, sd-171910-0002, sd-76040-002 press-in tool for right angle receptacle 15-row, 10-column 0622018624 this document was generated on 06/09/2016 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0760403059

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X